Part Number Hot Search : 
MSM51 T88SC P1593DN FSL9130R AD8352 93LC76 R8C10 0860C
Product Description
Full Text Search
 

To Download RPM5337-H12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RPM5300 series
Photo Link Module
IR Receiver Module
RPM5300 series
RPM5300 series are remote control receiver modules. Small-sized, light-weight, and low current consumption modules have been achieved by using resin mold.
Applications All household electric appliances such as TV, DVD, air conditioner and audio equipment.
Features 1) Small size, SMD type. 2) Low current consumption. (300A Typ.) 3) High ripple rejection. 4) Top view package type & Side view package type. 5) High sensitivity, such as leed type IR Receiver, because of using "the Dual Receiving Lens".
RPM5300 series
Sub carrier frequency 36.7kHz 37.9kHz 40.0kHz SIDE VIEW RPM5337-H14 RPM5338-H14 RPM5340-H14 TOP VIEW RPM5337-H12 RPM5338-H12 RPM5340-H12
Absolute maximum ratings (Ta = 25C)
Parameter Supply Voltage Storage temperature Operating temperature Symbol VCC Tstg Topr Limits 6.3 -30 to +100 -10 to +75 Unit V C C
Recommended operating conditions (Ta = 25C)
Parameter Supply Voltage Symbol VCC Min. 2.7 Typ. 3.0 Max. 3.6 Unit V
1/7
RPM5300 series
Photo Link Module
Block diagram
VCC
100k AMP LIMITER Comparator ROUT
I/V
BPF Demodulator and integrator
GND
Terminal description
Pin No. 1 2 3 4 5 6 7 Pin name VCC GND GND GND ROUT GND GND Function POWER SUPPLY GROUND GROUND GROUND OUTPUT TERMINAL GROUND GROUND
Electrical, Optical characteristics (Unless otherwise noted, Ta = 25C VCC=5V)
Parameter Consumption Current Effective Distance High Level Output Voltage Low Level Output Voltage ON Pulse Width OFF Pulse Width Center frequency Horizontal half angle Vertical half angle Symbol ICC L VH VL TON TOFF fo 1/2 1/2 Min. - 7 2.5 - 400 400 - - - Typ. 300 12 - - 600 600 3 42 38 Max. 500 - - 0.5 800 800 - - - Unit A m V V s s kHz deg deg 2 2 Isink < 200A = Outer light condition Ee < 10 (Ix) Outer light condition Ee < 10 (Ix) Conditions No outside light, No signal input Outer light condition Ee < 10 (Ix) 1 1 1 1 1
1 600/600s burst wave is transmitted by standard transmitter. However, it must be measured after the initial transmission pulse is 10 pulse. 2 It is an angle when the linear arrival distance become half. 3 Three types of frequencies : 36.7, 37.9, 40kHz.
2/7
RPM5300 series
Photo Link Module
Measurement Conditions (1) Transmit signal
600s
600s
Carrier frequency=fo, Duty=50% Fig.1 Transmit signal
(2) Standard transmitter
peak=940nm =40nm
20cm
io=VOUT / R
RPM-302B Standard transmitter R VOUT
Fig.2 Measurement of standard transmitter proofreading
When standard transmitter output the signal at Fig.1 standard photodiode output become io=5Ap-p under the measurement condition Fig.2. (The radiant intensity of standard transmitter : 50mW / sr) RPM-302B : standard photodiode has short current Isc=27A at E=1000(lx) (using CIE standard light source A)
3/7
RPM5300 series
Photo Link Module
(3) Measurement effective distance, horizontal & vertical half angle
RPM5300 series Standard transmitter Light detector face illuminance : Ee
Effective distance : L ( ; Indicates horizontal and vertical directions)
Fig.3 Measurement condition for effective distance
Effective distance L Horizontal & vertical half angle (4) Output signal
600s
: Effective distance at =0 Fig.3 : The angle which effective distance became 50% of L.
600s
Transmit signal
Carrier frequency=f0 Carrier Duty=50%
VCC Output signal VH 1/2 VCC VL GND TON TOFF
Fig.4
(5) Measurement circuit for the output voltage and the consumption current
ICC A ROUT RPM5300 GND V VH, VL VCC
VCC
Fig.5
4/7
RPM5300 series
Photo Link Module
Notes (1) All characteristics of the receiver in this specification are specified by supplying burst wave form (Fig.1) with ROHM standard transmitter (Fig.2 ). If in case of other burst wave form will be used, please check these spec. Carefully under the evaluations. (2) When the receiver will be used as the wire-less remote controller, please use the signal method the signal format which refer to "Measures to prevent mulfunctioning of IR remote-controlled electric home appliances". (Published July 1987 by Association of Electric Home Appliances) If using other signal method, signal format, (ex: signal format which not including the leader signal) the receiver might have chances to miss-function. (3) Please set up transmitter's carrier frequency as same as the receiver's f0 frequency. Otherwise error might be occurred.
(4) If transmission signal has non-continues carrier, error might be occurred. Continuous carrier is necessary.
T1
T1T2
T2
(5) The receiver was designed to use as in-door use only. Therefore, please understand that the receiver cannot cover all characteristics, in case of using it out-door. (6) Noise environment (Light noise from inverter Lamp, and other kind of Lamps, Power ripple, electromagnetic noise from power circuit, and etc) may cause a reduced effective distance. (7) The receiver may not work properly if receiving signal judgement is done by single pulse due to the surrounding / environmental noises. To prevent such misjudgement, please make sure that the receiver is set up to work only when receiving series of coded signal. (8) Emitting unit (remote control transmitter) has to be considered about its emitting device function, characteristics and characteristics of the receiver. (9) Please connect `Holder' on to the `Ground (GND)' of PCB. If the holder is not connected to the GND, there is a possibility of worsening the characteristics of product. (10) Do not supply unnecessary stress to lead. (11) Please pay careful attention to the lens. It might have a chance to miss-function when the lens get dust or dirty. And also please do not touch the lens. (12) In order to prevent products from ESD, human body and solder iron, etc. are required to be grounded.
5/7
RPM5300 series
Photo Link Module
Electrical and optical characteristics curves
1.00 0.00
120 100 100
Relative effective distance : (%)
-2.00
80
-4.00
Gain : (dB)
60
fo=3 6.7kH z
fo=3 7.9kH z
-6.00
fo=4 0.0kH z
40
-8.00
20
-10.00 34.00 36.00 38.00 40.00 42.00
0 -90 -75 -60 -45 -30 -15 0 15 30 45 60 75 90
Frequency : (kHz)
Angle : ()
Fig.6 BPF characteristic
Fig.7 Direction characteristic (Horizontal direction)
120
100
Relative effective distance : (%)
80
60
40
20
0 -90 -75 -60 -45 -30 -15 0 15 30 45 60 75 90
Angle : ()
Fig.8 Direction characteristic (Vertical direction)
6/7
RPM5300 series
Photo Link Module
External dimensions (Unit : mm)
RSLP7A-H14 RSLP7A-H12
7.6
4.0
MOUNTING CENTER
1.0
MOUNTING CENTER
3.00.1
8.0 2.80 2.80 2.2
3.0 2.0
4.0 8.0 5.6 2.8 0.370.1 P0.95x7=6.65 0.60.1
0.60.1 0.150.1 2.49 0.750.1 1.2 2.4
2.2
0.150.1 1.1 1.4 4.0 A
2.72
1.0
2.59
0.56
2.9
2.67
0.370.1 0.95 P0.95x7=6.65 0.60.1 0.48
0.75
1
7
Expanded Figure of A part 2.2
0.68
0.65
NOTE 1.TOLERANCE : 0.2mm 2.COPLANARITY : 0.1mmMAX UNIT : mm
0.650.1
0.2
0.56
NOTE TOLERANCE : 0.2mm COPLANARITY : 0.1mmMAX UNIT : mm
ETH658
ETH672
7/7
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of RPM5337-H12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X